Part Number Hot Search : 
LT1137CS CY6213 MAX6909 CA3338MZ 25ETT 20N50 LR2004L TA2057N
Product Description
Full Text Search
 

To Download NTE15023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15023 Integrated Circuit
dbx TV Noise Reduction Integrated Circuit
Description: The NTE15023 is an integrated circuit designed for the dbx-TV noise reduction decode circuit for multichannel TV sound systems. This device contains a voltage controlled amplifier, a variable de-emphasis circuit with new configuration and RMS detectors with completely integrated active band pass filters, and offers the complete dbx-TV noise reduction decoder only with a few external components. Features: D Integrated Band Pass Filters using Active Filtering Technique and Thin Film Structure with High Capacitance D Variable De-emphasis Circuit with New Circuit Configuration D Minimum Number of External Components D Wide Operation Voltage Range: 4.7V to 16V Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17V Allowable Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 715mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Recommended Operating Voltage: Power Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 15V Electrical Characteristics: (TA = +25C, VCC = +9V Reference Level: 0dB = -5dBm (436mVrms) unless otherwise specified)
Parameter Symbol ICC Vod-1 Vod-2 Vod-3 Vod-4 Vod-5 Vod-6 Vod-7 Vod-8 Vod-9 Test Conditions Min 4.0 5.5 -14.5 -44.5 1.3 -19.4 -39.6 -4.3 -30.9 -45.2 Typ 5.0 7.0 -13.0 -43.0 3.3 -17.4 -37.6 -1.8 -28.4 -42.7 Max 6.3 8.5 -11.5 -41.5 5.3 -15.4 -35.6 0.7 -25.9 -40.2 Unit mA dB dB dB dB dB dB dB dB dB
Consumption Current Decode Characteristics
No Signal Vi = -5dB, f = 300Hz Vi = -15dB, f = 300Hz Vi = -30dB, f = 300Hz Vi = 0dB, f = 1kHz Vi = -10dB, f = 1kHz Vi = -20dB, f = 1kHz Vi = 0dB, f = 8kHz Vi = -10dB, f = 8kHz Vi = -20dB, f = 8kHz
Electrical Characteristics (Cont'd): (TA = +25C, VCC = +9V Reference Level: 0dB = -5dBm (436mVrms) unless otherwise specified)
Parameter Symbol Vfp-1 Vfp-2 Vfg-1 Vfg-2 THD Vom-1 Vom-2 Von Itime VCC/2 Test Conditions Min -5.5 -13.0 -9.4 -32.3 - 11.0 -2.0 - (7.1) 4.3 Typ -4.0 -11.0 -7.4 -28.8 0.1 12.5 1.0 -104 7.5 4.5 Max -2.5 -9.0 -5.4 -25.3 0.3 - - -80 (7.9) 4.7 Unit dB dB dB dB % dB dB dB A V
VCA Filter Characteristics Vemp. Filter Characteristics Total Harmonic Distortion Ratio Maximum Output Voltage Output Noise Level Timing Current Center Potential
f = 3kHz, Vi = 0dB, refer to 1kHz f = 8kHz, Vi = 0dB, refer to 1kHz f = 5kHz, Vi = 0dB, refer to 8kHz f = 2kHz, Vi = 0dB, refer to 8kHz f = 1kHz, Vi = -3dB f = 300Hz, THD = 1.5% f = 8kHz, THD = 1.5% A weight
Electrical Characteristics: (TA = +25C, VCC = +9V Reference Level: 0dB = -5dBm (436mVrms) Note 1 unless otherwise specified)
Parameter Consumption Current Decoding Characteristics 300Hz, -5dB 300Hz, -15dB 300Hz, -30dB 1kHz, 0dB 1kHz, -10dB 1kHz, -20dB 8kHz, 0dB 8kHz, -10dB 8kHz, -15dB VCA Filter Characteristics 3kHz 8kHz Vemp Filter Characteristics 5kHz 2kHz Total Harmonic Distortion Ratio Maximum Output Voltage 300Hz 8kHz Output Noise Level Middle Point Potential Symbol ICC Vod-1 Vod-2 Vod-3 Vod-4 Vod-5 Vod-6 Vod-7 Vod-8 Vod-9 Vfp-1 Vfp-2 Vfg-1 Vfg-2 THD Vom-1 Vom-2 Von VCC/2 1 OFF ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON ON OFF OFF 2 - - - - - - - - - - a a b b - - - - - Switch Condition 3 4 5 - - - b b b b b b b b b a a a a b b b b - b b b b b b b b b b b b b b b b a - b b b b b b b b b b b b b b b b a - 6 b b b b b b b b b b b b b b b b b b b 7 b b b b b b b b b b b b b b b b b b b
Note 1. It suffices that a or b is inserted into (-).
Pin Connection Diagram
VE TC 1 Detector Input 2 REF 3 Time 4 VCA TC 5 VCA WGT 6 VCC 2 7 GND 8
16 VE WGT 15 VE Input 14 VE INT 13 VE Output 12 VCA Input 11 VCA FB 10 VCA Output 9 VCC 1
16
9
.260 (6.6) Max
1
8
.785 (19.9) Max
.300 (7.62)
.200 (5.08) Max .245 (6.22) Min
.100 (2.54) .700 (17.7)


▲Up To Search▲   

 
Price & Availability of NTE15023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X